PART |
Description |
Maker |
2N4232A 2N6313 2N6314 2M4233A 2M6312 2N4231A 2N423 |
POWER TRANSISTORS(5A,75W) POWER TRANSISTORS(5A/75W) POWER TRANSISTORS(5A /75W) POWER TRANSISTORS(5A75W) POWER TRANSISTORS: GENERAL PURPOSE AMPLIFIER AND LOW-FREQUENCY SWITCHING APPLICATION
|
MOSPEC SEMICONDUCTOR CORP. MOSPEC[Mospec Semiconductor]
|
BD535 BD537 BD536 BD533 4133 BD538 BD534 -BD536 |
Complemetary Silicon Power Transistors(浜?ˉ纭?????浣??) From old datasheet system COMPLEMENTARY SILICON POWER TRANSISTORS RI Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 15V; Power: 2W; Custom Solutions Available; 1kVDC Complemetary Silicon Power Transistors(互补硅功率晶体管)
|
STMICROELECTRONICS[STMicroelectronics] 意法半导
|
MJE2955T03 MJE34003 MJE52103 MJE585203 MJE80203 MR |
COMPLEMENTARY SILICON POWER TRANSISTORS COMPLEMETARY SILICON POWER TRANSISTORS SILICON NPN TRANSISTOR HIGH VOLTAGE PNP POWER TRANSISTOR SILICON NPN POWER DARLINGTON TRANSISTOR RF Power Field Effect Transistors 880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs RF LDMOS Wideband Integrated Power Amplifiers GENERAL PURPOSE L TO X-BAND GaAs MESFET 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
FREESCALE NEC STMICROELECTRONICS[STMicroelectronics]
|
EMF5XV6T5 EMF5XV6T5G |
Power Management Dual Transistors Power Management, Dual Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
|
ONSEMI[ON Semiconductor]
|
2N4912 |
POWER TRANSISTORS(1A,80V,25W) 1 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-66 POWER TRANSISTORS(1A80V25W)
|
Mospec Semiconductor, Corp. MOSPEC[Mospec Semiconductor]
|
MJW0281A MJW0281A05 MJW0302A MJW0281ADATASHEET MJW |
Complementary NPN?PNP Power Bipolar Transistors ; Package: SOIC NARROW; No of Pins: 14; Qty per Container: 55/Rail 15 A, 260 V, PNP, Si, POWER TRANSISTOR, TO-247AD Complementary NPN-PNP Power Bipolar Transistors Complementary Power Transistors
|
ON Semiconductor http://
|
MJW16110 MJ16110 ON1988 |
POWER TRANSISTORS 15 AMPERES 400 VOLTS 175 AND 135 WATTS 15 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-247AE From old datasheet system NPN Silicon Power Transistors
|
Motorola Mobility Holdings, Inc. http:// MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
2SD1664 2SD1858 A5800362 2SD1664P 2SD1664T100Q 2SD |
Low-Power, Single/Dual-Level Battery Monitors with Hysteresis Medium Power Transistor (32V/ 1A) Medium Power Transistor (32V, 1A) From old datasheet system Transistors > Medium Power Bipolar Transistors(0.5W-1.0W)
|
Littelfuse Rohm CO.,LTD. ROHM[Rohm]
|
BD438 ON0195 BD442 BD440 |
RH Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 05V; Power: 1W; Safety standards and approval: EN POWER TRANSISTORS PNP SILICON From old datasheet system 4.0 AMPERES POWER TRANSISTORS Plastic Medium Power Silicon PNP Transistor
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc]
|
MJ4031 MJ4030 MJ4032 MJ4033 MJ4034 MJ4035 |
POWER TRANSISTORS(16A60-100V150W) POWER TRANSISTORS(16A /60-100V /150W) POWER TRANSISTORS(16A,60-100V,150W) 功率晶体管(16A60 - 100V的,150瓦)
|
MOSPEC SEMICONDUCTOR CORP. MOSPEC[Mospec Semiconductor] Mospec Semiconductor, Corp.
|
2N5038 2N5039 |
POWER TRANSISTORS(20A,140W) POWER TRANSISTORS(20A140W)
|
MOSPEC[Mospec Semiconductor]
|